Part Number Hot Search : 
2SK3001 27S55G TDB0156 10160 NJM2366 7C142 NJM2352M MBR1535
Product Description
Full Text Search
 

To Download GXP6W0102001 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Absolute encoders - bus interfaces
Shaft with clamping or synchro flange Multiturn encoder 13 bit ST / 12 bit MT, Interbus
GXP6W
Features - Encoder multiturn / Interbus - Optical sensing - Resolution: singleturn 13 bit, multiturn 12 bit - Clamping flange or synchro flange - Interbus encoder profile 71 - ENCOM profile K3 - High reliability by self-diagnostics - Zero point, offset and turning direction programmable Optional GXP6W with clamping flange Technical data - electrical ratings Voltage supply Consumption w/o load Initializing time (typ.) Interface Transmission rate Profile conformity Steps per turn Number of turns Absolute accuracy Sensing method Code Code sequence Output circuit Interference immunity Emitted interference Programmable parameters 10...30 VDC 60 mA (24 VDC) 50 ms after power on Interbus 500 kBaud Encoder profile 71 8192 / 13 bit 4096 / 12 bit 0.025 Optical Gray or binary CW default, programmable RS485 DIN EN 61000-6-2 DIN EN 61000-6-4 Total resolution Rotating direction and code Preset and offset Zero point setting UL approval / E63076 Reverse polarity protection Yes - Transmission rate 2 MBaud
Technical data - mechanical design Housing Shaft Flange Protection DIN EN 60529 Operating speed Starting torque Rotor moment of inertia Admitted shaft load Materials Operating temperature Relative humidity Resistance o58 mm o10 mm (clamping flange) o6 mm (synchro flange) Clamping or synchro flange IP 54 without shaft seal IP 65 with shaft seal 10000 rpm (mechanical) 6000 rpm (electric) 0.015 Nm IP 54 0.03 Nm IP 65 20 gcm 20 N axial 40 N radial Housing: aluminium Flange: aluminium -25...+85 C -40...+85 C (optional) 95 % non-condensing DIN EN 60068-2-6 Vibration 10 g, 16-2000 Hz DIN EN 60068-2-27 Shock 200 g, 6 ms 600 g Connector, 2 x 9-pin
Approval
Weight approx. E-connection
1
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Absolute encoders - bus interfaces
Shaft with clamping or synchro flange Multiturn encoder 13 bit ST / 12 bit MT, Interbus
GXP6W
Part number GXP6W. 10 01 Interface 01 Interbus K3 E-connection A0 M23 connector, 2 x 9-pin axial A1 M23 connector, 2 x 9-pin radial 20 Bus cover with cable gland Voltage supply 10 10...30 VDC, galvanically isolated 0 A 1 B Flange / Shaft Clamping flange / o10 mm IP 54 Clamping flange / o10 mm IP 65 Synchro flange / o6 mm IP 54 Synchro flange / o6 mm IP 65 Accessories Connectors and cables (page %S) Z 153.B01 Z 153.S01 Z 119.006 Z 119.013 Z 119.015 Z 119.017 Z 119.025 Z 119.035 Mating connector M23, 9-pin, less cable Cable connector M23, 9-pin, less cable Eccentric fixing, single Adaptor plate for clamping flange for modification into synchro flange Mounting adaptor for synchro flange Mounting angle for clamping flange Adaptor plate for clamping flange, mounting by eccentric fixings (order separately) Bearing flange for encoders with synchro flange
Mounting accessories (page %S)
Interbus features Bus protocol Device profile Connection IB user type IB bus width PCP length ID-Code Interface Type A1 Type W1 Programmable parameters Interbus Encoder profile 71 2 wire remote bus 4 byte No parameter channel 55 2 wire remote bus (galvanically isolated) 2 wire remote bus - Resolution steps and revolutions - Rotating direction and code - Preset - Zero point shift - Offset - Measuring range - Encoder reset
2
www.baumerivo.com
30/10/2008
Subject to modification in technic and design. Errors and omissions excepted.
Absolute encoders - bus interfaces
Shaft with clamping or synchro flange Multiturn encoder 13 bit ST / 12 bit MT, Interbus
GXP6W
Terminal significance D01, D01 DI1, DI1 GND I UB GND B D02, D02 DI2, DI2 GND PE RBST Arriving remote bus (galvanically isolated). Ground connection for arriving remote bus (galvanically isolated). Connections for voltage supply UB carried by bus, current load between arriving and departing connections max. 700 mA. Outgoing remote bus. Ground connection for ongoing remote bus. Shield connected to encoder housing. Input for recognition of other bus users. Connection open: final user connected to GND: user X. Terminal assignment M23 connector Male connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Assignment D01 D01 DI1 DI1 GND I PE UB GND B - Female connector Pin 1 Pin 2 Pin 3 Pin 4 Pin 5 Pin 6 Pin 7 Pin 8 Pin 9 Assignment D02 D02 DI2 DI2 GND PE UB GND B RBST
8 7 6 5 9
1 2 3 4 2 3
1 9 4
8 7 6 5
Arriving interface (male connector) Bus cover
ON 1
Departing interface (female connector)
Termination
B
10-30 V D01
10-30 V
D GN
GNDI
GND
GN
DB
D02 D02/
D12/
D01/
DI1/
D12
DI1
ON
Subject to modification in technic and design. Errors and omissions excepted. 30/10/2008
1
ON = Final user OFF = User X
3
www.baumerivo.com
Absolute encoders - bus interfaces
Shaft with clamping or synchro flange Multiturn encoder 13 bit ST / 12 bit MT, Interbus
GXP6W
Dimensions GXP6W clamping flange and connector M23 radial 3
12 0
3 o10h6
M3 x 7
48 0.1 80
15 10 20
o36f8 o58
9
59
GXP6W clamping flange and connector M23 axial 3
0 12
3 o10h6
M3 x 7
48 0.1 70 GXP6W clamping flange and bus cover M3 x 7 120 90 10
15 10 20
20 15 9. o1 0h6
Subject to modification in technic and design. Errors and omissions excepted.
o36f8 o58
9
36f8 48 0.1 58 GXP6W synchro flange 420.1 M4x7 (3x120)
3 3 14.3
GXP6W connector dimensions 4 3 10 9 o6f8 o50h7 59
o52
3
5.5
o58
17
62
4
www.baumerivo.com
30/10/2008


▲Up To Search▲   

 
Price & Availability of GXP6W0102001

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X